データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4498 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN4498
部品情報  Lauterbach multicore debugging guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4498 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN4498 Datasheet HTML 10Page - STMicroelectronics AN4498 Datasheet HTML 11Page - STMicroelectronics AN4498 Datasheet HTML 12Page - STMicroelectronics AN4498 Datasheet HTML 13Page - STMicroelectronics AN4498 Datasheet HTML 14Page - STMicroelectronics AN4498 Datasheet HTML 15Page - STMicroelectronics AN4498 Datasheet HTML 16Page - STMicroelectronics AN4498 Datasheet HTML 17Page - STMicroelectronics AN4498 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Setting up Lauterbach environment
AN4498
14/19
DocID026377 Rev 1
CPU state are read out. After this command the CPU is in the SYStem.Up mode and can be
stopped for debugging.
&core1 Break – Breaks the core1 (slave). Core1 is still held in reset, the debugger stops
core1 as soon as it comes out of reset.
3.3.5
MMU Initialization
Figure 11. Batchfile – MMU initialization
The correct MMU (memory management unit) initialization is essential for processors which
have MMU. Without doing so user would not be able to access uninitialized memory
locations. Refer to the reference manual for correct MMU settings. MMU initialization must
not be forgotten. Some debuggers can perform MMU initialization automatically from script,
but after reset of target processor the MMU table is lost and have to be initialized again from
user startup.
MMU.TLB1.SET – sets the MAS registers in Figure 11.
3.3.6
SRAM initialization
Don’t forget that dual-core processors usually have 2 SRAM modules. For the second core
SRAM can be initialized later when it is started from second core startup.
Figure 12. Batchfile – SRAM initialization
Data.Set – This command fills selected memory with defined values. In our case it fill SRAM
memory content with 0x0. After executing of this command SRAM content in selected range
is 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19