データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4569 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN4569
部品情報  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 19Page - STMicroelectronics AN4569 Datasheet HTML 20Page - STMicroelectronics AN4569 Datasheet HTML 21Page - STMicroelectronics AN4569 Datasheet HTML 22Page - STMicroelectronics AN4569 Datasheet HTML 23Page - STMicroelectronics AN4569 Datasheet HTML 24Page - STMicroelectronics AN4569 Datasheet HTML 25Page - STMicroelectronics AN4569 Datasheet HTML 26Page - STMicroelectronics AN4569 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID026803 Rev 1
23/29
AN4569
Layout
29
4.2
Snubber
Solder the snubber network as close as possible to the related IC pin;
Figure 24. Snubber network
Snubber filter for high-frequency spike on the PWM;
Figure 25. Snubber filter for spikes
As shown in the figure below, there are two different examples given (single-ended and
differential snubber networks).
Figure 26. Differential and single-ended layout for snubber network
A strong spike could happen if there is a long distance between the snubber network and
the pins, the IC could even be burnt by the big spike. It's recommended that the distance
between snubber network be within 3 mm, which takes into consideration the width of the
copper wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29