データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3203 データシート(PDF) 1 Page - KR Electronics, Inc.

部品番号 3203
部品情報  10 MHz Bidirectional Absorptive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KR [KR Electronics, Inc.]
ホームページ  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3203 データシート(HTML) 1 Page - KR Electronics, Inc.

  3203 Datasheet HTML 1Page - KR Electronics, Inc. 3203 Datasheet HTML 2Page - KR Electronics, Inc. 3203 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3203, 10 MHz Notch, Rev 0, March 11, 2015
KR Electronics, Inc.
KR Electronics part number 3203 is a 10 MHz Bidirectional
Absorptive Notch filter. The filter has a 1.25 dB bandwidth of
3 MHz max. Other notch frequencies and are bandwidths
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 10 MHz Bidirectional Absorptive
Notch
 Low VSWR even in Notch
 1.66 MHz typical 3 dB Bandwidth
 High Notch Rejection
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-2500
(732) 636-2582
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


同様の部品番号 - 3203

メーカー部品番号データシート部品情報
logo
Dow-Key Microwave Corpo...
3203 DOW-KEY-3203 Datasheet
397Kb / 1P
VHF-band Fan-Out
logo
List of Unclassifed Man...
3203 ETC2-3203 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3203 HEYCO-3203 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Sensata Technologies, I...
3203 SENSATA-3203 Datasheet
176Kb / 3P
ROTARY MOTION | PRECISION SENSOR
logo
TE Connectivity Ltd
3203 TEC-3203 Datasheet
1Mb / 16P
Passive Components
August 2007
More results

同様の説明 - 3203

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007089-000100 MA-COM-MAAV-007089-000100 Datasheet
80Kb / 4P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
KR Electronics, Inc.
3092 KR-3092 Datasheet
57Kb / 3P
40 MHz Absorptive Notch Absorptive in both directions forward and reverse
3203-12 KR-3203-12 Datasheet
65Kb / 3P
12 MHz Bidirectional Absorptive Notch
3203-8.5 KR-3203-8.5 Datasheet
64Kb / 3P
8.5 MHz Bidirectional Absorptive Notch
logo
Peregrine Semiconductor
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com