データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0014 データシート(PDF) 23 Page - STMicroelectronics

部品番号 PM0014
部品情報  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 データシート(HTML) 23 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 19Page - STMicroelectronics PM0014 Datasheet HTML 20Page - STMicroelectronics PM0014 Datasheet HTML 21Page - STMicroelectronics PM0014 Datasheet HTML 22Page - STMicroelectronics PM0014 Datasheet HTML 23Page - STMicroelectronics PM0014 Datasheet HTML 24Page - STMicroelectronics PM0014 Datasheet HTML 25Page - STMicroelectronics PM0014 Datasheet HTML 26Page - STMicroelectronics PM0014 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
PM0014
Arithmetic library functions
23/46
5.4.3
cMul_q15_q15_q15
cMul_q15_q15_q15 (short LeftOp_I, short LeftOp_R, short RightOp_I, short
RightOp_R, short *Output).
Description:
Multiplication of two complex 32-bit (16 bits for each part) inputs.
Output is on 32 bits (16 bits for each part).
Argument:
LeftOp_I
Left operand imaginary part.
LeftOp_R
Left operand real part.
RightOp_I
Right operand imaginary part.
RightOp_R
Right operand real part.
Output
Output pointer.
Algorithm:
LeftOp_R * RightOp_R - LeftOp_I * RightOp_I = Output_R
LeftOp_R * RightOp_I + LeftOp_R * RightOp_I = Output_I
Note:
Output imaginary part is contained in the highest address (pointed
by Output + 2). Output real part is in the lowest address (pointed by
Output).
Assembly source
code:
cMul_q15_q15_q15.asm
Code size and cycles: Size: 36 bytes
Instruction cycles: 14
Test:
Two files are provided to test the function: an input vector file
(cMul_q15_q15_q15.in) and an output vector file
(cMul_q15_q15_q15.res):
cMul_q15_q15_q15.in is made as follows:
LeftOp_I1, LeftOp_R1, RightOp_I1, RightOp_R1,
...
cMul_q15_q15_q15.res is made as follows:
Output_I1,
Output_R1,
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46