データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN0108 データシート(PDF) 21 Page - STMicroelectronics

部品番号 TN0108
部品情報  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 データシート(HTML) 21 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 17Page - STMicroelectronics TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics TN0108 Datasheet HTML 23Page - STMicroelectronics TN0108 Datasheet HTML 24Page - STMicroelectronics TN0108 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TN0108
Clocks (including RTC)
Doc ID 15874 Rev 2
21/26
7.3
RTC operation through non-destructive reset
On Cut 1.1 devices, when a non-destructive reset (for example a functional reset or
watchdog reset) is issued, the RTC (real-time clock) is reset.
On Cut 2 devices, the clocking circuitry has been changed so that the RTC will continue to
run and keep time through a non-destructive reset.
7.4
External 32 kHz oscillator
On Cut 1.1 devices, there was a fault, which prevented the 32 kHz external oscillator from
functioning. This has been fixed on Cut 2 devices so an external 32 kHz oscillator can be
used. For a list of devices that have been qualified to function correctly, consult the device
reference manual and datasheet.
Table 21.
RTC operation through non-destructive reset
Silicon revision
RTC behavior
Implications
SPC560B Cut 1.1
RTC is reset
Loss of time keeping
SPC560B Cut 2
RTC continues to run
No loss of time keeping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26