| データシートサーチシステム |
|
UM0239 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0239 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 44 page ![]() Ping sessions UM0239 28/44 7 Ping sessions In order to evaluate the reliability of a communication between two or more devices, a Ping session can be performed. A ping session consists of a Master that sends a sequence of messages to one or more Slaves. If the messages are correctly received by Slaves, they are re-sent to the Master enabling the application to collect a wide variety of statistical data. An error correction algorithm is also included. Click PING on the toolbar to open a Ping session. First select Master or Slave to set the device in the desired mode and to display the corresponding dialog box shown in Figure 15. Figure 15. Ping windows 1 ST7540 PING WINDOWS MA ST ER SLA VE |