データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0272 データシート(PDF) 32 Page - STMicroelectronics

部品番号 UM0272
部品情報  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 データシート(HTML) 32 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 28Page - STMicroelectronics UM0272 Datasheet HTML 29Page - STMicroelectronics UM0272 Datasheet HTML 30Page - STMicroelectronics UM0272 Datasheet HTML 31Page - STMicroelectronics UM0272 Datasheet HTML 32Page - STMicroelectronics UM0272 Datasheet HTML 33Page - STMicroelectronics UM0272 Datasheet HTML 34Page - STMicroelectronics UM0272 Datasheet HTML 35Page - STMicroelectronics UM0272 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Menus
UM0272
32/40
Zones Test
Two different tests are available in the Zones Test sub-menu:
●
single zone test that displays the signal level of the selected zone (depending on the
value of the installed resistors)
●
a multiple zone test that displays the status (balanced/unbalanced) of groups of 8
zones (see Figure 28). Press
to scroll to the next group of 8 zones (if installed on
the system). A dot (.) indicates a balanced zone, while a plus sign (+) indicates an
unbalanced zone.
Figure 28.
Zones testing
Outputs Test
Similar to the Zones Test, it is possible to test each output. Select Outputs Test to display the
status of groups of 8 outputs (installed on the system). Press
to scroll to the next group
of 8 outputs. Press
to select an output. Press ENT to change the status of the selected
output.
Modules Acquisition
The Modules Acquisition feature is used when one or more modules are removed from the
system, or when the installer wants to update the bus configuration. When this feature is
selected, the CU erases all the modules stored into the internal memory, and starts
scanning the bus. Each module that responds to the CU is stored into the CU modules table.
5.6.7
Timer events
This option is not yet implemented.
5.6.8
Date and time
This sub-menu (Figure 29) is used to modify the system date and time. When this sub-menu
is selected, both the date and the time have to be modified (reset). Press ENT to modify the
date and time values. The cursor starts to blink on the first digit of the month. Enter the
correct value and then press ENT in order to modify the day, year, hours and minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40