データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0289 データシート(PDF) 25 Page - STMicroelectronics

部品番号 UM0289
部品情報  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 データシート(HTML) 25 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 21Page - STMicroelectronics UM0289 Datasheet HTML 22Page - STMicroelectronics UM0289 Datasheet HTML 23Page - STMicroelectronics UM0289 Datasheet HTML 24Page - STMicroelectronics UM0289 Datasheet HTML 25Page - STMicroelectronics UM0289 Datasheet HTML 26Page - STMicroelectronics UM0289 Datasheet HTML 27Page - STMicroelectronics UM0289 Datasheet HTML 28Page - STMicroelectronics UM0289 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
UM0289
Using eMotion
25/29
The direction of rotation depends on the connection of motor.
At startup the Duty cycle is fixed at 50 %
For a BLDC: enable the driver and unbrake the motor. Start to vary the PWM Duty %
At startup the Duty cycle is fixed at 50 %
Closed Loop
The parameter values of P, I and D depend on the type of motor and the suggestion is to
start with lower values and increment them in order to reach better performance.
At low speeds it is recommended to use a high control loop time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29