| データシートサーチシステム |
|
UM1620 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 41 page ![]() DocID024388 Rev 3 23/41 UM1620 API specification Prototype UINT32 FlashResume (PSSD_CONFIG pSSDConfig, UINT8 *resumeState); Arguments Return values Troubleshooting None. Comments This function resumes one operation if there is any operation is suspended. For instance, if a program operation is in suspended state, it is resumed. If an erase operation is in suspended state, it is resumed too. If an erase-suspended program operation is in suspended state, the program operation is resumed prior to resuming the erase operation. It is better to call this function based on suspendFlag returned from ‘FlashSupend()’. Following table defines and describes various resume states and associated resume codes. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. Table 28. Arguments for FlashResume() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. resumeState Indicate the resume state of C90FL module after the function being called. All return values are listed in Table 29. Table 29. Return values for FlashResume() Type Description Possible values UINT32 Successful completion. C90FL_OK Table 30. resumeState definitions Code name Value Description RES_NOTHING 0 No program/erase operation to be resumed RES_PGM 1 A program operation is resumed RES_ERS 2 A erase operation is resumed RES_ERS_PGM 3 A suspended erase-suspended program operation is resumed |