データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

10F202 データシート(PDF) 8 Page - Microchip Technology

部品番号 10F202
部品情報  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 データシート(HTML) 8 Page - Microchip Technology

Back Button 10F202 Datasheet HTML 4Page - Microchip Technology 10F202 Datasheet HTML 5Page - Microchip Technology 10F202 Datasheet HTML 6Page - Microchip Technology 10F202 Datasheet HTML 7Page - Microchip Technology 10F202 Datasheet HTML 8Page - Microchip Technology 10F202 Datasheet HTML 9Page - Microchip Technology 10F202 Datasheet HTML 10Page - Microchip Technology 10F202 Datasheet HTML 11Page - Microchip Technology 10F202 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
PIC10F200/202/204/206
DS40001239F-page 8
 2004-2014 Microchip Technology Inc.
FIGURE 3-2:
PIC10F204/206 BLOCK DIAGRAM
Flash
Program
Memory
9-10
Data Bus
8
12
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
5
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Device Reset
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
MCLR
VDD, VSS
Timer0
GPIO
8
8
GP3/MCLR/VPP
GP2/T0CKI/COUT/FOSC4
GP1/ICSPCLK/CIN-
GP0/ICSPDAT/CIN+
5-7
3
Stack 1
Stack 2
24 or 16
Internal RC
Clock
512 x12 or
bytes
Timer
256 x12
Comparator
CIN+
CIN-
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88