データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2503 データシート(PDF) 28 Page - STMicroelectronics

部品番号 AN2503
部品情報  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 データシート(HTML) 28 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 22Page - STMicroelectronics AN2503 Datasheet HTML 23Page - STMicroelectronics AN2503 Datasheet HTML 24Page - STMicroelectronics AN2503 Datasheet HTML 25Page - STMicroelectronics AN2503 Datasheet HTML 26Page - STMicroelectronics AN2503 Datasheet HTML 27Page - STMicroelectronics AN2503 Datasheet HTML 28Page - STMicroelectronics AN2503 Datasheet HTML 29Page - STMicroelectronics AN2503 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Conclusions
AN2503
28/30
6
Conclusions
ST offers its customers a complete product portfolio covering the whole PDP. ST's system
approach helps customers design effective energy recover (ERC) and Sustain circuits,
improving their time-to-market. PDP power consumption is greatly reduced using ST's
dedicated products.
7
References
1.
"Plasma displays," IEEE Trans. Plasma Sci., vol. 19, pp. 1032-1047, Dec. 1991.
2.
"Cell structure and driving method of a 25-in (64 cm) diagonal high-resolution color ac
plasma display," in Proc. Symp. Society for Information Display, vol. 29, 1998, pp. 279-
282.
3.
"Charge spreading and its effect on AC plasma panel operating margins," IEEE Trans.
Electron Devices, vol. ED-24, pp. 870-872, July 1997.
4.
"Measurement of wall charges in a surface discharge AC-PDP," in Proc. Int. Display
Workshops, 1997, pp. 527-530.
5.
" Power efficient sustain drivers and address drivers for plasma panel," U.S. Patent 4
866 349, Sept. 1989 and U.S. Patent 5 081 400, Jan. 1992.
6.
STTH60P03SW Datasheet
7.
STTH40P03SW Datasheet
8.
STTH2003CG Datasheet
9.
STW75N20 Datasheet
10. STW52NK25Z Datasheet
11. STP40N20 Datasheet
12. ST60NK30ZD1 Datasheet
13. STGP10NB60S Datasheet
14. STP9NK70Z Datasheet
15. STB14NK60Z Datasheet
16. L 6388 Datasheet
17. L 6385 Datasheet
18. AN994 - L6384, L6385, L6386, L6387 Application guide
19. AN1299 - L6384, L6385, L6386, L6387: TIPS & TRICKS
20. SMBY01-400 Datasheet
21. STS01DTP06 Datasheet
22. 74VHCT541 Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30