データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2511 データシート(PDF) 39 Page - STMicroelectronics

部品番号 AN2511
部品情報  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 データシート(HTML) 39 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 35Page - STMicroelectronics AN2511 Datasheet HTML 36Page - STMicroelectronics AN2511 Datasheet HTML 37Page - STMicroelectronics AN2511 Datasheet HTML 38Page - STMicroelectronics AN2511 Datasheet HTML 39Page - STMicroelectronics AN2511 Datasheet HTML 40Page - STMicroelectronics AN2511 Datasheet HTML 41Page - STMicroelectronics AN2511 Datasheet HTML 42Page - STMicroelectronics AN2511 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
MCU U2
ST72F264G1M6
SOL-28
STMicroelectronics
ST72F264G1M6
RS232 level translator: U3
ST3232CTR
SO-16
STMicroelectronics
ST3232CTR
Switch S1
TACT SWITCH
PUSH-4
Any
Diode: D2
1N5817
DO41
STMicroelectronics
ZENER diode: ZD1
SMAJ
TO220
STMicroelectronics
Table 43.
Bill of material (continued)
Reference
Value / generic part
number
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43