データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2747 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN2747
部品情報  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 データシート(HTML) 5 Page - STMicroelectronics

  AN2747 Datasheet HTML 1Page - STMicroelectronics AN2747 Datasheet HTML 2Page - STMicroelectronics AN2747 Datasheet HTML 3Page - STMicroelectronics AN2747 Datasheet HTML 4Page - STMicroelectronics AN2747 Datasheet HTML 5Page - STMicroelectronics AN2747 Datasheet HTML 6Page - STMicroelectronics AN2747 Datasheet HTML 7Page - STMicroelectronics AN2747 Datasheet HTML 8Page - STMicroelectronics AN2747 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AN2747
Lamp description
5/44
1
Lamp description
New products and devices are being launched in lighting applications and new solutions for
these applications are required. High intensity discharge (HID) lamps have become
attractive lighting sources for their luminous efficacy and their long life. Figure 2 illustrates
the families of electric lighting for which HID lamps are intended.
Figure 2.
Lamp families
In this document we will refer to high pressure sodium and mercury lamps as HID lamps.
Figure 3 shows the luminous efficiency for each lamp type.
Figure 3.
Luminous efficiency of various lamps
H
HIID
D
C
CF
FL
L//T
TL
L
LAMPS
INCANDESCENT
HALOGEN
CONVENTIONAL
GAS-DISCHARGE
MERCURY
LOW
PRESSURE
HIGH
PRESSURE
HB LEDs
SODIUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44