データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3299 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3299
部品情報  A hardware and software guide for the STMPE801
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3299 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3299 Datasheet HTML 5Page - STMicroelectronics AN3299 Datasheet HTML 6Page - STMicroelectronics AN3299 Datasheet HTML 7Page - STMicroelectronics AN3299 Datasheet HTML 8Page - STMicroelectronics AN3299 Datasheet HTML 9Page - STMicroelectronics AN3299 Datasheet HTML 10Page - STMicroelectronics AN3299 Datasheet HTML 11Page - STMicroelectronics AN3299 Datasheet HTML 12Page - STMicroelectronics AN3299 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN3299
Software
Doc ID 18113 Rev 1
9/13
2
Software
2.1
I2C
2.1.1
I2C initialization
It is recommended to insert the software reset as the first command during initialization
before starting the I2C transaction.
2.1.2
I2C address
Up to two I2C addresses (0x82 and 0x88) are available through the address pin. In other
words, a maximum of 2 pieces of STMPE801 can be used sharing the same I2C bus.
2.1.3
I2C address update/reset
Address bits are reset and updated in the following 3 conditions:
1.
Power down/up (POR)
2.
Software reset
3.
Hardware reset
4.
General call reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13