データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3372 データシート(PDF) 34 Page - STMicroelectronics

部品番号 AN3372
部品情報  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 データシート(HTML) 34 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 29Page - STMicroelectronics AN3372 Datasheet HTML 30Page - STMicroelectronics AN3372 Datasheet HTML 31Page - STMicroelectronics AN3372 Datasheet HTML 32Page - STMicroelectronics AN3372 Datasheet HTML 33Page - STMicroelectronics AN3372 Datasheet HTML 34Page - STMicroelectronics AN3372 Datasheet HTML 35Page - STMicroelectronics AN3372 Datasheet HTML 36Page - STMicroelectronics AN3372 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Conclusion
AN3372
34/37
Doc ID 018625 Rev 1
13
Conclusion
Several tests on HID ballast have been performed. Using the proposed setting the ballast
works properly according to all the lamp specifications. The system shows very good
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37