| データシートサーチシステム |
|
AN4021 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4021 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() AN4021 Reverse losses: Basic equations Doc ID 022588 Rev 1 5/10 2 Reverse losses: Basic equations Reverse losses expression is the average dissipated power in the diode during the reverse biasing phase: Equation 3 In case of a typical square waveform as illustrated on Figure 1, the reverse losses are equal to: Equation 4 Substitution of Equation 1 into Equation 4 yields Equation 5 In some literature, it is possible to find the following expression: Equation 6 With: Equation 7 dt T V I t V T T P sw T j R R R sw j REV · · = ∫ 0 ) , ( ) ( 1 ) ( ) , ( ) 1 ( ) ( j R R R j REV T V I V T P· · - =d ) ( Re Re ) , ( ) 1 ( ) ( f j j T T c f j R R R j REV e T V I V T P - · · · - =d ) ( Re ) ( f j j T T c ref j REV e P T P - · · = () f j R R R ref T V I V P Re , ) 1 (· · - =d |