データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4444 データシート(PDF) 27 Page - STMicroelectronics

部品番号 AN4444
部品情報  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 データシート(HTML) 27 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 23Page - STMicroelectronics AN4444 Datasheet HTML 24Page - STMicroelectronics AN4444 Datasheet HTML 25Page - STMicroelectronics AN4444 Datasheet HTML 26Page - STMicroelectronics AN4444 Datasheet HTML 27Page - STMicroelectronics AN4444 Datasheet HTML 28Page - STMicroelectronics AN4444 Datasheet HTML 29Page - STMicroelectronics AN4444 Datasheet HTML 30Page - STMicroelectronics AN4444 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
DocID025925 Rev 2
27/68
AN4444
ST7590 reference design description
68
Figure 14 shows the frequency response of the line driver circuit, while Figure 15 reports the
Montecarlo simulation.
Figure 14. Measured frequency response of the line driver (typical)
Figure 15. Montecarlo simulation of the line driver frequency response
8.1.2
Power line coupling
The coupling to the power line requires some passive components in addition to the active
filtering stage. In particular, it includes the DC decoupling capacitor C2, the line transformer
T1, the power inductor L1 and the X1 safety capacitor C5.
L1 has been accurately chosen to have high saturation current (> 2 A) and very low
equivalents series resistance (< 0.1
), to limit distortion and insertion losses even with
heavy line load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68