データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4541 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN4541
部品情報  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 データシート(HTML) 5 Page - STMicroelectronics

  AN4541 Datasheet HTML 1Page - STMicroelectronics AN4541 Datasheet HTML 2Page - STMicroelectronics AN4541 Datasheet HTML 3Page - STMicroelectronics AN4541 Datasheet HTML 4Page - STMicroelectronics AN4541 Datasheet HTML 5Page - STMicroelectronics AN4541 Datasheet HTML 6Page - STMicroelectronics AN4541 Datasheet HTML 7Page - STMicroelectronics AN4541 Datasheet HTML 8Page - STMicroelectronics AN4541 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID026513 Rev 1
5/21
AN4541
The
∏ filter structure
21
Figure 4. Negative surge
The Host driving the memory card is physically isolated (due to the timing constraints) from
the card connector, which is thus exposed to potential ESD damage.
The EMIF06-MSD04F3 provides protection for the six SD card data and clock lines, while a
single TVS protects the VDD line (Figure 5).
Figure 5. EMIF06-MSD04F3 schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21