データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0401 データシート(PDF) 14 Page - STMicroelectronics

部品番号 UM0401
部品情報  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 データシート(HTML) 14 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics UM0401 Datasheet HTML 11Page - STMicroelectronics UM0401 Datasheet HTML 12Page - STMicroelectronics UM0401 Datasheet HTML 13Page - STMicroelectronics UM0401 Datasheet HTML 14Page - STMicroelectronics UM0401 Datasheet HTML 15Page - STMicroelectronics UM0401 Datasheet HTML 16Page - STMicroelectronics UM0401 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Running the STMPE801 port expander GUI
UM0401
14/17
The appropriate slave device should be chosen before enabling the interrupt. The Interrupt
settings are configured into the internal configuration registers as soon as the "SET" button
is clicked. The Interrupt window turns green to indicate that the interrupt is enabled. In order
to turn off all interrupt settings, click on the "Reset Interrupt" button . This is shown in
Figure 17.
The ISR can be monitored using the "Read GPIO Interrupt Status" panel. Once the "START"
button is clicked, the ISR is read at 100ms intervals and the results are displayed with
corresponding green squares for GPIOS with state change. This monitoring can be stopped
by clicking on the "STOP" button. All GPIOS are reset to default state by the "CLEAR
PANEL" button. The clear panel does not work when the monitoring is running
Figure 17.
Interrupt enabled with indication of current interrupt status in the ISR -
screen shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17