データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0932 データシート(PDF) 30 Page - STMicroelectronics

部品番号 UM0932
部品情報  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 データシート(HTML) 30 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Host interface
UM0932
30/43
DocID17385 Rev 3
3.3.19
SS_DataRequest (54h)
This command is sent by the external host to request data transmission and it exports the
SS_Data transmission service (Section 2.3).
If accepted, the ST7580 constructs an SS frame (Figure 4) that is transmitted over the
power line in accordance with the details expressed in RequestData field (Table 46).
A positive SS_DataConfirm (Section 3.3.20) is generated at the end of the
transmission.
If refused, the modem generates an SS_DataError (Table 12).
Table 44. SS_DataRequest: Syntax
Source
Command(Args)
Possible response
External host
SS_DataRequest(RequestData)
Request accepted: SS_DataConfirm
(ConfirmData)
Request rejected: SS_DataError (ErrorData)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43