データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1518 データシート(PDF) 23 Page - STMicroelectronics

部品番号 UM1518
部品情報  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 データシート(HTML) 23 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 19Page - STMicroelectronics UM1518 Datasheet HTML 20Page - STMicroelectronics UM1518 Datasheet HTML 21Page - STMicroelectronics UM1518 Datasheet HTML 22Page - STMicroelectronics UM1518 Datasheet HTML 23Page - STMicroelectronics UM1518 Datasheet HTML 24Page - STMicroelectronics UM1518 Datasheet HTML 25Page - STMicroelectronics UM1518 Datasheet HTML 26Page - STMicroelectronics UM1518 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
UM1518
Services
Doc ID 022791 Rev 2
23/37
Figure 21.
Host interface error occurrence
5.6
Ping session
In order to evaluate the reliability of a communication between two or more devices, a Ping
session can be performed. A ping session consists of a Master sending a sequence of
messages to one or more Slaves. If the messages are correctly received by Slaves, they are
re-sent to the Master with the same electrical parameters and Payload data, enabling the
application to collect statistical data.
When a Ping session is active, the GUI adds some automatic services to the functions and
commands of the ST7580 device.
The Ping tab displays different control and indicator values in accordance with the role that
the EVALKITST7580 board, handled by the GUI, has during the Ping session.
Figure 22 shows both Ping tabs for Master and Slave nodes:
Error LED
AM11965v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37