データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD78F9210CS データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 PD78F9210CS
部品情報  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9210CS データシート(HTML) 7 Page - Renesas Technology Corp

Back Button PD78F9210CS_15 Datasheet HTML 3Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 4Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 5Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 6Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 7Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 8Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 9Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 10Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
5
µ PD78F9210CS, 78F9211CS, 78F9212CS
BLOCK DIAGRAM
78K0S
CPU
CORE
INTERNAL
HIGH-SPEED
RAM
FLASH
MEMORY
VSSNote2
VDDNote1
PORT 2
P20-P23
4
POWER ON CLEAR/
LOW VOLTAGE
INDICATOR
POC/LVI
CONTROL
RESET CONTROL
SYSTEM
CONTROL
HIGH-SPEED
INTERNAL
OSCILLATOR
RESET/P34
X1/P23
X2/P22
16-bit TIMER/
EVENT COUNTER 00
TO00/TI010/P21
TI000/P20
TOH1/P20
8-bit TIMER H1
INTP0/P21
INTP1/P32
ANI0/P20-
ANI3/P23
4
A/D CONVERTER
INTERRUPT
CONTROL
PORT 3
P32
P34
PORT 4
P40-P47
8
LOW-SPEED
INTERNAL
OSCILLATOR
WATCHDOG TIMER
Notes 1. In the
µPD78F9210CS, 78F9211CS, 78F9212CS, VDD functions alternately as the A/D converter reference
voltage input. When using the A/D converter, stabilize VDD at the supply voltage used (2.7 to 5.5 V).
2. In the
µPD78F9210CS, 78F9211CS, 78F9212CS, VSS functions alternately as the ground potential of the
A/D converter. Be sure to connect VSS to a stabilized GND (= 0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com