データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN235 データシート(PDF) 19 Page - STMicroelectronics

部品番号 AN235
部品情報  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 データシート(HTML) 19 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 15Page - STMicroelectronics AN235 Datasheet HTML 16Page - STMicroelectronics AN235 Datasheet HTML 17Page - STMicroelectronics AN235 Datasheet HTML 18Page - STMicroelectronics AN235 Datasheet HTML 19Page - STMicroelectronics AN235 Datasheet HTML 20Page - STMicroelectronics AN235 Datasheet HTML 21Page - STMicroelectronics AN235 Datasheet HTML 22Page - STMicroelectronics AN235 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN235
Control signals
Doc ID 1679 Rev 2
19/23
Figure 16.
Current waveforms during transition from full-step to half-step state
To get the fastest decay from a full-step to a half-step state the bridge should be disabled so
that both of the transistors that were on are switched off. This puts the bridge in a fast decay
mode and the current decays more quickly, as shown in Figure 16 c. For half-step operation
an additional two signals are required to inhibit the bridge and put it in tristate during the
steps when there is no current in that phase. Figure 15 shows the drive signals required for
a driver like the L298 or L6203.
The six commutation signals can easily be generated from a microcontroller, but the current
control is typically implemented in circuitry that is added between the microcontroller and
AM16514v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23