| データシートサーチシステム |
|
AN1645 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1645 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 22 page ![]() Obsolete Product(s) - Obsolete Product(s) AN1645 - APPLICATION NOTE 21/22 Figure 21d: Board Layout - Bottom Tracks 13. HOW TO USE THE BOARD The demo board is meant to implement synchronous rectification in a Forward converter. If diodes are mounted on the board, they must be removed. Connect the Demo Board as depicted in figure 22. If Vout is equal or higher than 5V connect Vsupply to Vout (as in the figure). If Vout is lower than 5V, connect Vsupply together with FW Drain. This last configuration is preferable because, even during short circuit conditions, the device drives the two mosfets avoiding body diode conduction and consequently excessive power dissipation. Figure 22: Connecting the Board to a Forward Converter Vin Vout TRANSFORMER INDUCTOR Cout SCHOTTKY SCHOTTKY PWM Feedback Loop FR Drain Vsupply SGLGND PWRGND FW Drain Vin Vout TRANSFORMER INDUCTOR Cout SCHOTTKY SCHOTTKY PWM Feedback Loop FR Drain Vsupply SGLGND PWRGND FW Drain |