| データシートサーチシステム |
|
AN1673 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1673 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 24 page ![]() 9/24 AN1673 APPLICATION NOTE Figure 9. Insulated LCL converter Resonant circuits. Any resonant circuit includes capacitors and inductors. Since we deal about applications using the trans- former, it can be useful to recall the equivalent scheme of the transformer (fig.10), with its simplification and parameters. The stray inductance is the one that can be measured from the primary side with the secondary winding in short circuit connection. The magnetizing inductance is the one that can be measured from the primary opening the secondary. The parasitic capacitors will not be considered. The simplified diagram of the transformer is acceptable for the present circuits discussion. Figure 10. Transformer equivalent circuit We can now define some basic resonance circuits and their inherent impact on the application, (ref. to fig.11). L-SERIES TRANSFORMER BOOT +HV-BUS HVG OUT LVG C-BOOT QH QL DH RECT CFILT CRES LOAD DL C.M.S.R.C. DRIVER-H DRIVER-L L6598 GND D03IN1435 L/1-Stray Primary L/2-Stray Secondary Cstray1 Cstray1-2 D03IN1430 L.Magnetizing LStray L.Magnetizing Transformer equivalent circuit diagram Simplified Transformer diagram LOAD LOAD |