データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2242 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN2242
部品情報  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 17Page - STMicroelectronics AN2242 Datasheet HTML 18Page - STMicroelectronics AN2242 Datasheet HTML 19Page - STMicroelectronics AN2242 Datasheet HTML 20Page - STMicroelectronics AN2242 Datasheet HTML 21Page - STMicroelectronics AN2242 Datasheet HTML 22Page - STMicroelectronics AN2242 Datasheet HTML 23Page - STMicroelectronics AN2242 Datasheet HTML 24Page - STMicroelectronics AN2242 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN2242
5 Conducted Noise Measurements (Pre-Compliance Test)
21/31
5
Conducted Noise Measurements (Pre-Compliance
Test)
The following pictures are the conducted noise measurements at full load and 230Vac mains
voltage, made on phase and neutral line with Peak detection. The limits shown in the diagrams
are the EN55022 CLASS B ones, which is the most common rule for video domestic
equipments, such as Set-Top boxes. As clearly visible in the diagrams there is a good margin
of the measures with respect to the limits.
Figure 25. Conducted Noise Measurements - Phase A
Figure 26. Concucted Noise Measurements - Phase B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31