データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2684 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN2684
部品情報  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 データシート(HTML) 7 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 3Page - STMicroelectronics AN2684 Datasheet HTML 4Page - STMicroelectronics AN2684 Datasheet HTML 5Page - STMicroelectronics AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics AN2684 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN2684
VNI4140K quad high-side smart power solid-state relay IC description
Doc ID 14266 Rev 1
7/21
temperature is controlled. If this condition makes the case temperature reach the case
temperature limit (TCSD), overloaded channels (i.e. the ones for which junction temperature
has exceeded the junction protection threshold, TjSD, and has not fallen below the junction
protection reset threshold, TjR) are turned OFF. These channels restart, non-simultaneously,
only when the case temperature decreases below the case protection reset threshold (TCR).
Non-overloaded channels continue to operate normally.
The open drain diagnostic outputs indicate related channel overtemperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21