データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2459 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN2459
部品情報  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 17Page - STMicroelectronics AN2459 Datasheet HTML 18Page - STMicroelectronics AN2459 Datasheet HTML 19Page - STMicroelectronics AN2459 Datasheet HTML 20Page - STMicroelectronics AN2459 Datasheet HTML 21Page - STMicroelectronics AN2459 Datasheet HTML 22Page - STMicroelectronics AN2459 Datasheet HTML 23Page - STMicroelectronics AN2459 Datasheet HTML 24Page - STMicroelectronics AN2459 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AN2459 - Application note
Signals measurement, processing & control
21/35
Figure 15.
Lamp restart - behavior of the control loop
Note:
Brown = DC bus voltage; Blue = lamp filament current.
4.3
Zero Current Detection
Detection of a zero current crossing the PFC inductor is extremely important. As described
in Section 2: Power Factor Correction (PFC), a ZCD defines the moment when the switch
should be turned-on again. A well-known method used in other analog PFC applications has
been implemented for the digital ballast. The secondary winding of PFC inductor (1:10
winding ratio) gives a correct signal for the autoreload timer (Chapter 2.2). Typical signals
are shown in Figure 16.
Lamp removed
Lamp inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35