データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2836 データシート(PDF) 35 Page - STMicroelectronics

部品番号 AN2836
部品情報  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 データシート(HTML) 35 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 31Page - STMicroelectronics AN2836 Datasheet HTML 32Page - STMicroelectronics AN2836 Datasheet HTML 33Page - STMicroelectronics AN2836 Datasheet HTML 34Page - STMicroelectronics AN2836 Datasheet HTML 35Page - STMicroelectronics AN2836 Datasheet HTML 36Page - STMicroelectronics AN2836 Datasheet HTML 37Page - STMicroelectronics AN2836 Datasheet HTML 38Page - STMicroelectronics AN2836 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
35/57
Figure 39.
Maximum output current vs. selectable devices
4.16.2
Power dissipation and thermal analysis with PractiSPINTM software
The PractiSPINTM software includes a power dissipation and thermal analysis section that
helps in calculating the IC power dissipation and estimating its junction temperature, through
a simulation.
This section is intended to help to give a fast evaluation of the device, package and
dissipating copper area required by the user’s application, and to be a good starting point for
designing an application (from the power dissipation and thermal point of view). Software
results, especially thermal results, need to be confirmed on the bench.
The input data for simulation are divided in three sections:
a)
Application data: to select the motor characteristics and its configuration, the
driving parameters and the analysis type (steady state, single pulse or repeated
pulse analysis).
b)
Device data: to choose the device part number and to edit some available IC
parameters.
c)
PCB data: to select the package, the PCB dissipating charcteristics and ambient
temperature.
The output data include the waveforms of temperature and current profile, the estimated IC
power dissipation and junction temperature.
For more details on the formulas used in the software, please refer to the "Help" menu of
“Power Dissipation and Thermal Analysis”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57