データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2841 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN2841
部品情報  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 5Page - STMicroelectronics AN2841 Datasheet HTML 6Page - STMicroelectronics AN2841 Datasheet HTML 7Page - STMicroelectronics AN2841 Datasheet HTML 8Page - STMicroelectronics AN2841 Datasheet HTML 9Page - STMicroelectronics AN2841 Datasheet HTML 10Page - STMicroelectronics AN2841 Datasheet HTML 11Page - STMicroelectronics AN2841 Datasheet HTML 12Page - STMicroelectronics AN2841 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN2841
Dimming application using an STM32 microcontroller
9/31
3
Dimming application using an STM32 microcontroller
This section describes a dimming application that uses an STM32 microcontroller (MCU).
All the computations, results and tests were performed on an evaluation board (reference:
STEVAL-ILL015V1) containing an STM32 MCU running at a clock frequency of 48 MHz.
For more information about the use of this evaluation board and dimming applications,
please refer to user manuals UM0588 and UM0574 listed in Section 5: References
documents.
Figure 5 and Figure 6 provide a brief overview of the STM32 evaluation board.
Figure 5.
STM32 evaluation board setup
Figure 6.
STM32 evaluation board block diagram
3.1
Data transfers and timing
This section describes the two approaches used to transfer data (dynamic and static) as
well as timing considerations.
3.1.1
Dynamic data transfer
When using a dynamic data approach, all data is computed just before being transfered to
the LED drivers.
USB
SPI
SPI
SPI
Power supply
ST1S10
ESD for USB
USBUF01P6
STM32
LED driver
STP24DP05
LED driver
STP24DP05
AM00345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31