データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2864 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN2864
部品情報  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics AN2864 Datasheet HTML 23Page - STMicroelectronics AN2864 Datasheet HTML 24Page - STMicroelectronics AN2864 Datasheet HTML 25Page - STMicroelectronics AN2864 Datasheet HTML 26Page - STMicroelectronics AN2864 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN2864
Testing the board
Doc ID 15282 Rev 1
23/29
Figure 21.
2nd OCP protection tripping (VIN =115 VAC, full load before the short)
In Figure 21, while the board is working in full load condition with an input voltage of 115
VAC, the secondary winding is shorted. The short on the secondary winding leads to very
high drain current, which activates the 2nd OCP protection. Without this protection the
converter runs continuously up to the activation of the overload protection, which requires a
few tens of milliseconds, with very high currents in the power section of the VIPER17L and
in the transformer
Figure 22.
Operating with secondary winding shorted restart mode
(VIN =115 VAC, full load before the short)
Ch2 = VFB
Ch3 = VDRAIN
Ch4 = IDRAIN
Ch1 = VDD
Ch2 = VFB
Ch4 = IDRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29