データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2937 データシート(PDF) 28 Page - STMicroelectronics

部品番号 AN2937
部品情報  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 データシート(HTML) 28 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 24Page - STMicroelectronics AN2937 Datasheet HTML 25Page - STMicroelectronics AN2937 Datasheet HTML 26Page - STMicroelectronics AN2937 Datasheet HTML 27Page - STMicroelectronics AN2937 Datasheet HTML 28Page - STMicroelectronics AN2937 Datasheet HTML 29Page - STMicroelectronics AN2937 Datasheet HTML 30Page - STMicroelectronics AN2937 Datasheet HTML 31Page - STMicroelectronics AN2937 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Representative waveforms
AN2937
28/41
Doc ID 15418 Rev 1
Figure 12.
Section 2 soft-start waveforms; 5 A constant current load applied
When the EN pin is driven below the turn-off threshold, the section starts performing a soft-
end. The output is connected to ground with an internal 24
Ω (typ.) power MOSFET, so the
output is discharged softly.
Figure 13 and 14 show the soft-end for the two sections.
Figure 13.
OUT1 soft-end, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41