データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2950 データシート(PDF) 31 Page - STMicroelectronics

部品番号 AN2950
部品情報  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 データシート(HTML) 31 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 27Page - STMicroelectronics AN2950 Datasheet HTML 28Page - STMicroelectronics AN2950 Datasheet HTML 29Page - STMicroelectronics AN2950 Datasheet HTML 30Page - STMicroelectronics AN2950 Datasheet HTML 31Page - STMicroelectronics AN2950 Datasheet HTML 32Page - STMicroelectronics AN2950 Datasheet HTML 33Page - STMicroelectronics AN2950 Datasheet HTML 34Page - STMicroelectronics AN2950 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AN2950
Conclusions
Doc ID 15494 Rev 1
31/37
3
Conclusions
The presented flyback converter is suitable for a wide range of applications. It can be used
as an external adapter or as an auxiliary power supply in consumer devices. Special
attention has been given to low-load performances and the bench results are good with very
low input power in light load conditions. The efficiency performances have been compared
with the requirements of the ENERGY STAR
®
program (version 2.0) for external AC/DC
adapters, with very good results showing that the measured active mode efficiency is always
higher than the minimum required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37