データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2989 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN2989
部品情報  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 17Page - STMicroelectronics AN2989 Datasheet HTML 18Page - STMicroelectronics AN2989 Datasheet HTML 19Page - STMicroelectronics AN2989 Datasheet HTML 20Page - STMicroelectronics AN2989 Datasheet HTML 21Page - STMicroelectronics AN2989 Datasheet HTML 22Page - STMicroelectronics AN2989 Datasheet HTML 23Page - STMicroelectronics AN2989 Datasheet HTML 24Page - STMicroelectronics AN2989 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN2989
Interrupt generation
Doc ID 15761 Rev 1
21/28
Figure 8.
Free-fall, wakeup interrupt generator
The threshold module which is used by the system to detect free-fall or inertial wakeup
events is defined by the INTx_THS registers. The threshold value is expressed over 7 bits as
an unsigned number and is symmetrical around the zero-g level. XH (YH, ZH) is true when
the unsigned acceleration value of the X (Y, Z) channel is higher than INTx_THS. Similarly,
XL, (YL, ZL) low is true when the unsigned acceleration value of the X (Y, Z) channel is
lower than INTx_THS. Refer to Figure 9 for additional details.
Figure 9.
FF_WU_CFG high and low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28