データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3027 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN3027
部品情報  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 データシート(HTML) 7 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 3Page - STMicroelectronics AN3027 Datasheet HTML 4Page - STMicroelectronics AN3027 Datasheet HTML 5Page - STMicroelectronics AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AN3027
Designing a TM PFC
Doc ID 16134 Rev 4
7/41
3
Designing a TM PFC
The following section describes a design flowchart of a 100 W transition mode PFC, using
the L6563S. The same design procedure and formulas proposed can also be applied for
dimensioning a similar 100 W transition mode PFC, using the L6563H.
3.1
Input specifications
This section details the specifications of the operating conditions of the circuit that are
needed for the calculations given in
Section 3.2. In this example an L6563S, wide input
range mains PFC circuit has been considered. Some design criteria are also given.
Because the PFC is a boost topology, the regulated output voltage depends mainly on the
maximum AC input voltage. In fact, for correct operation the output voltage must be always
higher than the input and thus, because Vin max is 265·1.414 = 374.7 Vpk, the output has
been set at 400 Vdc as typical value. If the input voltage is higher, as is typical in ballast
applications, the output voltage must be set higher accordingly. As a rule of thumb, the
output voltage must be set 6/7% higher than the maximum input voltage peak.
The target efficiency and PF are set here at minimum input voltage and maximum load.
They are used for the calculations of the operating conditions of the PFC in
Section 3.2. Of
course at high input voltage, the efficiency is higher.
Because of the narrow loop voltage bandwidth, the PFC output can face overvoltages at
startup or in the case of load transients. To prevent excessive output voltage that can
overstress the output components and the load, in the L6563S a pin of the device (PFC_OK,
pin #7) has been dedicated to monitor the output voltage with a separate resistor divider,
selected so that the voltage at the pin reaches 2.5 V if the output voltage exceeds a preset
●
Mains voltage range (Vac rms):
(1)
●
Minimum mains frequency
(2)
●
Rated output power (W):
(3)
●
Regulated DC output voltage (Vdc):
(4)
●
Expected efficiency (%):
(5)
●
Expected power factor:
(6)
Vac
90
VACmin =
Vac
265
VACmax =
Hz
47
fMAINS =
W
100
Pout =
V
400
V
out =
%
94
=
η
99
.
0
PF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com