データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3028 データシート(PDF) 24 Page - STMicroelectronics

部品番号 AN3028
部品情報  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 データシート(HTML) 24 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 20Page - STMicroelectronics AN3028 Datasheet HTML 21Page - STMicroelectronics AN3028 Datasheet HTML 22Page - STMicroelectronics AN3028 Datasheet HTML 23Page - STMicroelectronics AN3028 Datasheet HTML 24Page - STMicroelectronics AN3028 Datasheet HTML 25Page - STMicroelectronics AN3028 Datasheet HTML 26Page - STMicroelectronics AN3028 Datasheet HTML 27Page - STMicroelectronics AN3028 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
IC features
AN3028
24/37
Doc ID 16135 Rev 1
Figure 26.
Output short applied and OLP in steady-state
a) short-circuit applied: OLP tripping
b) short-circuit maintained: OLP auto-restart and
tRESTART
Output is shorted here
Normal
operation
tRESTART
Figure 27.
OLP in steady-state and output short removed
a) short-circuit maintained: soft-start and tOVL
b) short-circuit removed: OLP auto-restart
tOVL
tSS
Output short is
removed here
tRESTART
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37