データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3090 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3090
部品情報  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 5Page - STMicroelectronics AN3090 Datasheet HTML 6Page - STMicroelectronics AN3090 Datasheet HTML 7Page - STMicroelectronics AN3090 Datasheet HTML 8Page - STMicroelectronics AN3090 Datasheet HTML 9Page - STMicroelectronics AN3090 Datasheet HTML 10Page - STMicroelectronics AN3090 Datasheet HTML 11Page - STMicroelectronics AN3090 Datasheet HTML 12Page - STMicroelectronics AN3090 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AN3090
Error detection feature
Doc ID16496 Rev 1
9/19
The plot in Figure 5 shows all the steps required to perform the EDM test.
Figure 5.
Error detection sequence
As described above, the output status detection sequence is synchronized with the rising
edge of the CLK signal after OE/DM2 changes to high. An overview of the output results is
shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19