データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3233 データシート(PDF) 20 Page - STMicroelectronics

部品番号 AN3233
部品情報  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 データシート(HTML) 20 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics AN3233 Datasheet HTML 20Page - STMicroelectronics AN3233 Datasheet HTML 21Page - STMicroelectronics AN3233 Datasheet HTML 22Page - STMicroelectronics AN3233 Datasheet HTML 23Page - STMicroelectronics AN3233 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Thermal map
AN3233
20/35
Doc ID 17595 Rev 1
To directly check the efficiency of the SR stage, a thermal map of the SR daughterboard has
also been taken. As seen, the temperature of both rectifier MOSFETs is below 70 °C,
confirming that heatsinking is not required and confirming that the SR solution implemented
allows a significant secondary side board dimension squeezing.
Figure 22.
Thermal map SR daughterboard - full load
Table 4.
Daughterboard thermal map reference points
Point
Reference
Description
SP1
Q501
SR MOSFET
SP2
Q502
SR MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35