データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM136-2.5 データシート(PDF) 4 Page - Linear Technology

部品番号 LM136-2.5
部品情報  2.5V Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LM136-2.5 データシート(HTML) 4 Page - Linear Technology

  LM136-2.5 Datasheet HTML 1Page - Linear Technology LM136-2.5 Datasheet HTML 2Page - Linear Technology LM136-2.5 Datasheet HTML 3Page - Linear Technology LM136-2.5 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM136-2.5/LM336-2.5
4
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1986
136336fa LT/CP 0801 1.5K REV A • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1009
Precision 2.5V Shunt Reference
0.2% Max Initial Tolerance
0.016 – 0.021**
(0.406 – 0.533)
DIA
0.025
(0.635)
MAX
0.085 – 0.105
(2.159 – 2.667)
0.500
(12.700)
MIN
0.178 – 0.195
(4.521 – 4.953)
0.209 – 0.219
(5.309 – 5.537)
0.100
(2.540)
TYP
45
°
H02/03(TO-46) 1098
0.050
(1.270)
TYP
0.050
(1.270)
TYP
0.028 – 0.048
(0.711 – 1.219)
0.036 – 0.046
(0.914 – 1.168)
FOR 3-LEAD PACKAGE ONLY
REFERENCE
PLANE
*
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1
H Package
2-Lead and 3-Lead TO-46 Metal Can
(Reference LTC DWG # 05-08-1340)
Z Package
3-Lead Plastic TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1410)
TYPICAL APPLICATIO S
OBSOLETE PACKAGE
500
5V
5V
–5V
–5V
5k
5k
5k
10k
1%
9.76k
1%
*LM336-2.5
2N3904
2N3906
*
OUT
136/336 TA04
+
1N4148
1N4148
10k
+
+
*LM336Z-2.5
*
OP-07CH
2
3
4
6
7
1
µF
20
µF
20
µF
10k
10k
100k
1k
1k
2.5V
VIN ≥ 6V
136/336 TA05
Switchable
±1.25V
Bipolar Reference
Low Noise 2.5V Buffered Reference
0.050
(1.27)
BSC
0.060
± 0.005
(1.524
± 0.127)
DIA
0.90
(2.286)
NOM
0.180
± 0.005
(4.572
± 0.127)
0.180
± 0.005
(4.572
± 0.127)
0.500
(12.70)
MIN
0.050
(1.270)
MAX
UNCONTROLLED
LEAD DIMENSION
0.016
± 0.003
(0.406
± 0.076)
5
°
NOM
0.015
± 0.002
(0.381
± 0.051)
0.060
± 0.010
(1.524
± 0.254)
10
° NOM
0.140
± 0.010
(3.556
± 0.127)
Z3 (TO-92) 0401
0.098 +016/–0.04
(2.5 +0.4/–0.1)
2 PLCS
TO-92 TAPE AND REEL
REFER TO TAPE AND REEL SECTION OF
LTC DATA BOOK FOR ADDITIONAL INFORMATION
3.6V TO 40V
R
62
LM336-2.5
LM334
V+
V
136/336 TA02
Wide Supply
Range, Reference
Low Temperature
Coefficient Power Regulator
LT317A
1.2k
LM336
ADJ
IN
OUT
VOUT
1N4148
1N4148
R2*
10k
R1
375
VIN
2k
ADJUST R2
FOR 3.75V
ACROSS R1
*
136/336 TA03



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com