| データシートサーチシステム |
|
LT338A データシート(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT338A データシート(HTML) 12 Page - Linear Technology |
|
12 / 14 page ![]() LT138A/LT339A LM138/LM338 12 138afd For more information www.linear.com/LT138A OBSOLETE PACKAGE Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings. .170 (4.32) MAX .325 (8.255) .580 (14.732) .560 (14.224) .170 – .2OO (4.32 – 5.08) MOUNTING HOLE .115 – .145 (2.92 – 3.68) DIA .580 – .6OO (14.73 – 15.24) .830 – .870 (21.08 – 22.10) .780 – .800 (19.81 – 20.32) .620 – .64O (15.75 – 16.26) .215 (5.46) BSC .113 – .123 (2.87 – 3.12) .042 – .052 (1.07 – 1.32) .074 – .084 (1.88 – 2.13) .187 – .207 (4.75 – 5.26) .060 – .080 (1.52 – 2.03) 18 – 22 3 – 7 .087 – .102 (2.21 – 2.59) .020 – .040 (0.51 – 1.02) EJECTOR PIN MARKS .105 – .125 (2.67 – 3.18) DIA P3 0801 .098 (2.489) .124 (3.149) .700 (17.780) .275 (6.985) BOTTOM VIEW OF TO-3P HATCHED AREA IS SOLDER PLATED COPPER HEAT SINK P Package 3-Lead Plastic TO-3P (Similar to TO-247) (Reference LTC DWG # 05-08-1450) package DescripTion |