データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3352 データシート(PDF) 20 Page - STMicroelectronics

部品番号 AN3352
部品情報  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 データシート(HTML) 20 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 16Page - STMicroelectronics AN3352 Datasheet HTML 17Page - STMicroelectronics AN3352 Datasheet HTML 18Page - STMicroelectronics AN3352 Datasheet HTML 19Page - STMicroelectronics AN3352 Datasheet HTML 20Page - STMicroelectronics AN3352 Datasheet HTML 21Page - STMicroelectronics AN3352 Datasheet HTML 22Page - STMicroelectronics AN3352 Datasheet HTML 23Page - STMicroelectronics AN3352 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Component selection guidelines
AN3352
20/26
Doc ID 018526 Rev 3
2.9
Undervoltage protection diode (D2)
During a short-circuit event on the LNB output, negative voltage spikes may occur on the
VoRX pin. To prevent reliability problems, a low-cost Schottky diode with low VF clamping
voltage is used between this pin and GND (see D2 in Figure 6). It is recommended to place
the protection diode cathode as close as possible to the VoRX pin.
Figure 13.
Tone amplitude vs. R9 value
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.51
1.52
2.5
3
3.5
4
4.5
R9 value (kohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26