データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3360 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3360
部品情報  This application note describes the demonstration board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3360 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3360 Datasheet HTML 8Page - STMicroelectronics AN3360 Datasheet HTML 9Page - STMicroelectronics AN3360 Datasheet HTML 10Page - STMicroelectronics AN3360 Datasheet HTML 11Page - STMicroelectronics AN3360 Datasheet HTML 12Page - STMicroelectronics AN3360 Datasheet HTML 13Page - STMicroelectronics AN3360 Datasheet HTML 14Page - STMicroelectronics AN3360 Datasheet HTML 15Page - STMicroelectronics AN3360 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN3360
Conclusion
Doc ID 018586 Rev 2
13/16
5
Conclusion
The LED power supply demonstration board using the HVLED805 device was presented
and the results show that good performances can be obtained using this new device.
Auxiliary winding is required in the transformer to correctly perform CV/CC regulation, and
the chip is able to power itself directly from the rectified mains. This is particularly useful
during CC regulation, where the flyback voltage generated by the winding drops.
The HVLED805 is able to meet the most restrictive worldwide standards regarding
efficiency. The embedded onboard protections and the 800 V power section considerably
increase the end-product safety and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16