| データシートサーチシステム |
|
AN3393 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3393 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 103 page ![]() DocID018750 Rev 4 35/103 AN3393 Register description 103 4.35 PR1 (5Ch) Program and reset pointers for State Machine 1. 4.36 TC1 (5Dh-5Eh) 16-bit general timer counter for State Machine 1. Table 54. SETT1 register structure P_DET THR3_SA ABS - - THR3_MA R_TAM SITR Table 55. SETT1 register description P_DET SM1 peak detection bit. Default value: 0 0 = peak detection disabled, 1 = peak detection enabled For more information about peak detection refer to Section 8. THR3_SA Default value: 0 0 = no action, 1 = threshold 3 enabled for axis and sign mask reset (MASKB_1) ABS Default value: 0 0 = unsigned thresholds THRSx, 1 = signed thresholds THRSx For more details refer to Section 7.2. THR3_MA Default value: 0 0 = no action, 1 = threshold 3 enabled for axis and sign mask reset (MASKA_1) R_TAM Next condition validation flag. Default value: 0 0 = mask frozen on the axis that triggers the condition, 1 = standard mask always evaluated. For more details about the temporary axis mask refer to Section 7.3. SITR Default value:0 0 = no actions, 1 = STOP and CONT commands generate an interrupt and perform output actions as OUTC command. Table 56. PR1 register RP3 RP2 RP1 RP0 PP3 PP2 PP1 PP0 Table 57. PR1 register description RP3-RP0 SM1 reset pointer address PP3-PP0 SM1 program pointer address Table 58. TC1_L default values 00000000 |