データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3980 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN3980
部品情報  This application note describes the implementation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3980 データシート(HTML) 7 Page - STMicroelectronics

Back Button AN3980 Datasheet HTML 3Page - STMicroelectronics AN3980 Datasheet HTML 4Page - STMicroelectronics AN3980 Datasheet HTML 5Page - STMicroelectronics AN3980 Datasheet HTML 6Page - STMicroelectronics AN3980 Datasheet HTML 7Page - STMicroelectronics AN3980 Datasheet HTML 8Page - STMicroelectronics AN3980 Datasheet HTML 9Page - STMicroelectronics AN3980 Datasheet HTML 10Page - STMicroelectronics AN3980 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
dSPIN.h file content
AN3980
7/18
Doc ID 022200 Rev 1
4
dSPIN.h file content
The dSPIN.h file contains the following:
Demonstration board related signal assignments
Structure definition for L6470 register initialization
Register options / mask definition (enumerated types)
L6470 register addresses (enumerated types)
L6470 command set definition (enumerated types)
Macro definition - used for function input parameter conversions
List of function prototypes which are implemented in the dSPIN.c file.
4.1
Demonstration board related signal assignments
Demonstration board type must be defined prior to the signal assignment definition.
Therefore, one of the following lines should appear at the beginning of the dSPIN.h file:
Figure 3.
Demonstration board selection
It is recommended to keep both in the code and comment the one which does not
correspond to the requested configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19