データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3991 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3991
部品情報  How to drive multiple stepper motors with the L6470 motor driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3991 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3991 Datasheet HTML 7Page - STMicroelectronics AN3991 Datasheet HTML 8Page - STMicroelectronics AN3991 Datasheet HTML 9Page - STMicroelectronics AN3991 Datasheet HTML 10Page - STMicroelectronics AN3991 Datasheet HTML 11Page - STMicroelectronics AN3991 Datasheet HTML 12Page - STMicroelectronics AN3991 Datasheet HTML 13Page - STMicroelectronics AN3991 Datasheet HTML 14Page - STMicroelectronics AN3991 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID022332 Rev 2
13/15
AN3991
Additional instructions
15
7.
Measure the peak voltage to frequency ratio of the “good” sine wave. The resulting
value is the motor electric constant expressed in V/Hz.
Figure 6. Motor back EMF constant measurement - step 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15