データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4069 データシート(PDF) 8 Page - STMicroelectronics

部品番号 AN4069
部品情報  This demonstration board is based on the STEF05 and STEF12 electronic fuses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4069 データシート(HTML) 8 Page - STMicroelectronics

Back Button AN4069 Datasheet HTML 4Page - STMicroelectronics AN4069 Datasheet HTML 5Page - STMicroelectronics AN4069 Datasheet HTML 6Page - STMicroelectronics AN4069 Datasheet HTML 7Page - STMicroelectronics AN4069 Datasheet HTML 8Page - STMicroelectronics AN4069 Datasheet HTML 9Page - STMicroelectronics AN4069 Datasheet HTML 10Page - STMicroelectronics AN4069 Datasheet HTML 11Page - STMicroelectronics AN4069 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Output dV/dt circuit
AN4069
8/16
Doc ID 022926 Rev 1
5
Output dV/dt circuit
The demo board comes with no CdV/dt mounted. In this condition, after an initial delay time
of typically 500 µs for the STEF05 and 350 µs for the STEF12, the output voltage is supplied
with a slope defined by the internal dv/dt circuitry.
The total time from the enable signal going high and the output voltage reaching the nominal
value is typically 1 ms. The output voltage slew rate can be customized by mounting the
dV/dt capacitors (C1, C2). The suggested values range is 10 pF to 1 nF.
Given the desired time interval
Δt during which the output voltage goes from zero to its
maximum value, the capacitance to be added on the Cdv/dt pin can be calculated using the
following theoretical formulas:
●
STEF05 dV/dt setting
Cdvdt = 50 × 10-9Δt - 30 × 10-12
●
STEF12 dV/dt setting
Cdvdt = 24 × 10-9Δt - 30 × 10-12
Figure 6.
STEF05 delay time and VOUT ramp-up time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com