| データシートサーチシステム |
|
AN4149 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4149 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 43 page ![]() DocID023523 Rev 2 13/43 AN4149 Designing a CCM FOT-controlled PFC The maximum value of the RMS current circulating in the boost cell at the minimum line voltage of the selected range is equal to: Maximum RMS input current: Equation 28 In order to describe the energy and relevant equations concerning a boost PFC, the ratios of the voltage inputs of the boost converter to the regulated output voltage are defined. In particular kmin and kmax refer to the ratio of the minimum and the maximum input voltage to the output voltage, respectively. Equation 29 Combining equation 28 and equation 29 the maximum line peak current can be found. Maximum line peak current: Equation 30 Maximum inductor peak current: Equation 31 Inductor peak-to-peak ripple current : Equation 32 In order to calculate the losses of the switches, the RMS current flowing through the MOSFET and through the boost output diode are found. Maximum RMS switch current: PF VAC P I in in ⋅ = min A Vac W I in 27 . 4 99 . 0 90 4 . 380 = ⋅ = out V VAC k min min 2 = out V VAC k max max 2 = 32 . 0 400 90 2 max = = V Vac k 94 . 0 400 265 2 max = = V Vac k out in PK V k P I ⋅ ⋅ = min max 2 A V W I PK 98 . 5 400 32 . 0 4 . 380 2 max = ⋅ ⋅ = + ⋅ ⋅ ⋅ = 2 1 2 min max r AC in PK K PF V P IL A V W IL PK 85 . 6 2 27 . 0 1 99 . 0 90 4 . 380 2 max = + ⋅ ⋅ ⋅ = max max PK r PK IL K IL ⋅ = Δ A A IL PK 85 . 1 85 . 6 27 . 0 ma x = ⋅ = Δ |