| データシートサーチシステム |
|
UM0855 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0855 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 35 page ![]() UM0855 DFU Doc ID 16617 Rev 1 29/35 After installation, “MEMS demonstration DFU” appears in the DFU USB devices list ( Figure 18). To execute the firmware upgrade: 1. Click on File > Open, select the directory where the “.dfu” file has been downloaded, and select it ( Figure 19). 2. Click on “Upgrade”. 3. The internal Flash memory will be erased ( Figure 20) and reflashed with the new firmware ( Figure 21). Once the procedure is complete, a Windows message appears, stating that a USB device is not recognized. The user can then unplug the USB cable from the STEVAL-MKI0xxV1 demonstration board and use it with the new firmware. To back up the user’s current firmware before flashing the demonstration kit with a new one, flag “Upload DFU device” ( Figure 18) before clicking on “Upgrade”. The user is then prompted to save the current firmware in the preferred directory before the erasing the internal Flash. Figure 19. Select new firmware |