| データシートサーチシステム |
|
LT1328 データシート(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1328 データシート(HTML) 5 Page - Linear Technology |
|
5 / 12 page ![]() 5 LT1328 APPLICATIONS INFORMATION The LT1328 is a low noise, high speed, high gain infrared receiver designed to easily provide IR communications with portable computers, PDAs, desktop computers and periph- erals. The receiver takes the photodiode current from an infrared photodiode (typically Temic BPV22NF) and per- forms a current-to-voltage conversion. Figure 1 is a block diagram of the LT1328. Photodiode current is transformed into a voltage by feedback resistor RFB. The DC level of the preamp is held at VBIAS due to the servo action of the transconductance amplifier gm. The servo action only sup- presses frequencies below the Rgm, CFILT pole. This highpass filtering attenuates interfering signals such as sunlight, incandescent and fluorescent lamps. For higher data rates, the rejection band can be increased to include higher frequencies (Pin 7 LOW). If this option is not used, Pin 7 is grounded and Pin 3 is open. The rejection band of the filter is then determined by the lowest data rate; C4 equals 10nF for IrDA (SIR, FIR and 4ppm). The high- pass filter break point is set by the capacitor from Pin 2 to ground at f(Hz) = 25/(2 π • Rgm • C) where Rgm = 60k. The 330pF capacitor in Figure 1 sets a 200kHz corner fre- quency and is used for data rates above 115kbps. For low data rates (115kbps and below) Pin 7 should be set to TTL HIGH which grounds Pin 3 and reduces the break fre- quency with the addition of the capacitor between Pins 2 and 3. A 10nF capacitor produces a 6.6kHz corner. Signals passed by the preamp/gm amplifier combination cause the comparator output to swing low. Performance of the LT1328 circuit in Figure 1 extends over the full 1cm to 1 meter range of the IrDA standard at the stipulated light levels. For IrDA data rates of 115kbps and below, a 1.6 µspulsewidthisusedforalogiczeroand no pulse for a logic one. Light levels are 40mW/SR to 500mW/SR. Figure 2 shows a scope photo for a transmitter input (bottom trace) and the LT1328 output (top trace). Note that the input to the transmitter is inverted, i.e., a high at the input is light transmitted, which is a zero at the output of the transmitter (Pin 5). The MODE pin (Pin 7) should be high for these data rates. The second fastest tier of the IrDA standard addresses 576kbps and 1.152Mbps data rates with pulse widths of 1/4 of the bit interval for zero and no pulse for one. The Figure 2. IrDA-SIR Modulation TRANSMITTER INPUT RECEIVER OUTPUT RECEIVER OUTPUT TRANSMITTER INPUT IrDA-SIR (1m) IrDA-SIR (1cm) 0 1 0 0 1 1 0 1 0 1328 F02a NRZ DATA IrDA-SIR HIGH = LIGHT TRANSMITTED DATA RATES: 2400BAUD TO 115kbps BIT INTERVAL: 417 µs TO 8.7µs PULSE WIDTH: 3/16 OF INTERVAL OR 1.63 µs |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |