データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4355 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN4355
部品情報  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics AN4355 Datasheet HTML 20Page - STMicroelectronics AN4355 Datasheet HTML 21Page - STMicroelectronics AN4355 Datasheet HTML 22Page - STMicroelectronics AN4355 Datasheet HTML 23Page - STMicroelectronics AN4355 Datasheet HTML 24Page - STMicroelectronics AN4355 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DocID025240 Rev 2
23/25
AN4355
Layout suggestions
25
8
Layout suggestions
The L648x devices require external MOSFETs for implementing the power stage which
drives the motor phases. The electrical connections between the device and the external
MOSFETs are critical and particular attention must be paid to reduce parasitic inductances.
Figure 16 shows the critical paths which should be designed to be as short as possible and
the area of the circuits should be minimized avoiding the sensitivity of such structures to the
surrounding noise. Typically, a good power system layout keeps the power MOSFETs as
close as possible to the related gate driver.
Figure 16. Layout critical paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25